Part Number Hot Search : 
LS6106 2310A UPA27 RS601M10 N2238 MV8813 HG50089 B250A
Product Description
Full Text Search
 

To Download CXT3906PNP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CXT3904 NPN CXT3906 PNP SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
Central
TM
Semiconductor Corp.
DESCRIPTION: The CENTRAL SEMICONDUCTOR CXT3904, CXT3906 types are complementary silicon transistors manufactured by the epitaxial planar process, epoxy molded in a surface mount package, designed for small signal general purpose and switching applications. MARKING CODE: FULL PART NUMBER
SOT-89 CASE
MAXIMUM RATINGS (TA=25C) Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance TJ,Tstg JA -65 to +150 104 C C/W SYMBOL VCBO VCEO VEBO IC PD CXT3904 60 40 6.0 200 1.2 CXT3906 40 40 5.0 UNITS V V V mA W
ELECTRICAL CHARACTERISTICS (TA=25C unless otherwise noted) CXT3904 SYMBOL TEST CONDITIONS MIN MAX ICEV IBL BVCBO BVCEO BVEBO VCE(SAT) VCE(SAT) VBE(SAT) VBE(SAT) hFE hFE hFE hFE VCE=30V, VEB=3.0V VCE=30V, VEB=3.0V IC=10A IC=1.0mA IE=10A IC=10mA, IB=1.0mA IC=50mA, IB=5.0mA IC=10mA, IB=1.0mA IC=50mA, IB=5.0mA VCE=1.0V, IC=0.1mA VCE=1.0V, IC=1.0mA VCE=1.0V, IC=10mA VCE=1.0V, IC=50mA 60 40 6.0 0.20 0.30 0.65 40 70 100 60 300 0.85 0.95 50 50
CXT3906 MIN MAX 50 50 40 40 5.0 0.25 0.40 0.65 60 80 100 60 300 0.85 0.95
UNITS nA nA V V V V V V V
R6 (20-May 2004)
Central
TM
Semiconductor Corp.
CXT3904 NPN CXT3906 PNP SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
ELECTRICAL CHARACTERISTICS (TA=25C unless otherwise noted) CXT3904 SYMBOL TEST CONDITIONS MIN MAX hFE fT Cob Cib hie hre hfe hoe NF td tr ts tf VCE=1.0V, IC=100mA VCE=20V, IC=10mA, f=100MHz VCB=5.0V, IE=0, f=1.0MHz VBE=0.5V, IC=0, f=1.0MHz VCE=10V, IC=1.0mA, f=1.0kHz VCE=10V, IC=1.0mA, f=1.0kHz VCE=10V, IC=1.0mA, f=1.0kHz VCE=10V, IC=1.0mA, f=1.0kHz VCE=5.0V, IC=100A, RS=1.0k f=10Hz to 15.7kHz VCC=3.0V, VBE=0.5, IC=10mA, IB1=1.0mA VCC=3.0V, VBE=0.5, IC=10mA, IB1=1.0mA VCC=3.0V, IC=10mA, IB1=IB2=1.0mA VCC=3.0V, IC=10mA, IB1=IB2=1.0mA 1.0 0.5 100 1.0 30 300 4.0 8.0 10 8.0 400 40 5.0 35 35 200 50
CXT3906 MIN MAX 30 250 4.5 10 2.0 0.1 100 3.0 12 10 400 60 4.0 35 35 225 75
UNITS MHz pF pF k x10-4 mmhos dB ns ns ns ns
SOT-89 CASE - MECHANICAL OUTLINE
DIMENSIONS INCHES MILLIMETERS MAX MIN MAX SYMBOL MIN A 0.055 0.067 1.40 1.70 B 4 4 C 0.014 0.018 0.35 0.46 D 0.173 0.185 4.40 4.70 E 0.064 0.074 1.62 1.87 F 0.146 0.177 3.70 4.50 G 0.090 0.106 2.29 2.70 H 0.028 0.051 0.70 1.30 J 0.014 0.019 0.36 0.48 K 0.017 0.023 0.44 0.58 L 0.059 1.50 M 0.118 3.00 SOT-89 (REV: R4)
BOTTOM VIEW
LEAD CODE: 1) EMITTER 2) COLLECTOR 3) BASE
MARKING CODE: FULL PART NUMBER
R6 (20-May 2004)


▲Up To Search▲   

 
Price & Availability of CXT3906PNP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X